PART |
Description |
Maker |
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD5320 AD5320BRM AD5320BRT |
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Output 12-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
AD5330 AD5330BRU AD5331 AD5331BRU AD5333 AD5335 AD |
2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 12-Bit DAC with Byte-Load Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 20-lead TSSOP From old datasheet system D/A CONVERTER,SINGLE,8-BIT,CMOS,SSOP,20PIN 2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
Analog Devices Inc AD[Analog Devices]
|
AD5323BRUZ-REEL |
2.5 V to 5.5 V, 230 µA, Dual Rail-to-Rail Voltage Output 12-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16
|
Analog Devices, Inc.
|
AD5302ARM AD5312ARM |
2.5 V to 5.5 V, 230 µA, Dual Rail-to-Rail Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package 2.5 V to 5.5 V, 230 µA, Dual Rail-to-Rail Voltage Output 10-Bit DAC
|
Analog Devices
|
LTC1659IS8 LTC1659CS8 LTC1659CMS8 LTC1659 1659F |
From old datasheet system 12-Bit Rail-to-Rail Micropower DAC in MSOP Package
|
LINER[Linear Technology]
|
LTC1659CMS8-PBF LTC1659CMS8-TRPBF LTC1659CS8-PBF L |
12-Bit Rail-to-Rail Micropower DAC in MSOP Package
|
Linear Technology
|
AD5313ARU AD5313ARU-REEL7 AD5323ARU AD5323ARU-REEL |
2.5 V to 5.5 V 230 µA Dual Rail-to-Rail Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package
|
Analog Devices
|
AD11/2036-0REEL |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN
|
Analog Devices
|
MC33501SNT1 MC33503SNT1 MC33501 MC33503 |
1.0 V, Rail-to-Rail, Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO5 1V, Rail-to-Rail, Single Operational Amplifier
|
ONSEMI[ON Semiconductor]
|
TS7221 9412 TS7221BILT TS7221AI TS7221AILT TS7221B |
SINGLE BICMOS RAIL TO RAIL MICROPOWER COMPARATOR From old datasheet system SINGLE BICMOS RAIL TO RAIL 敌OWER COMPARATOR SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR 单BiCMOS工艺轨至轨uPOWER比较
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
A62S7316 A62S7316G-55S A62S7316G-55SI A62S7316G-70 |
128K X 16 BIT LOW VOLTAGE CMOS SRAM 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages; Package: MSOP; No of Pins: 8; Temperature Range: Industrial
|
http:// AMICC[AMIC Technology] AMIC Technology Corporation
|